Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0290000000
Description  Direct Mount Terminals Feed Through
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 1 Page - Weidmuller

  0290000000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
168
Printed on top on request
MK 3/12
Type
Part No.
MK 3/2 KrG
0273820000
MK 3/4 KrG
0274020000
MK 3/6 KrG
0274220000
MK 3/8 KrG
0274420000
MK 3/10 KrG
0274620000
MK 3/12 KrG
0243520000
110/15/16.1 (4.33/.59/.63)
5 (.20)
300 V / 20 A / #22…12 AWG
300 V / 25 A / #22…12 AWG
380 VAC / 25 A / 2.5 mm2
.9 (8.0)
2.5
Type
Part No.
BSTb 11/12
0245900000
BSTb 11/8
0290200000
BSTb 11/6
0290000000
BSTb 11/4
0289800000
BSTo 11/12
0245800000
BSTo 11/8
0284700000
BSTo 11/6
0289500000
BSTo 11/4
0289300000
Direct Mount Terminals
Feed Through
Available Options
Version
2 pole
4 pole
6 pole
8 pole
10 pole
12 pole
14 pole
16 pole
Dimensions
Width / Length / Height mm
mm (in.)
Insulation stripping length mm
mm (in.)
Technical Data
Rated voltage / rated current / wire size
UL
CSA
VDE
Torque
Nm (lb. in.)
Clamping screw
M
Tag Block / Plastic Rivet / Insulating Sleeve
Marking Strips
Print
Printed
Unprinted
MK 10/14
Type
Part No.
MK 10/14 PA
0370160000
88.5/13.5/12 (3.48/.53/.47)
6 (.24)
150 V / 25 A / #22… 12 AWG
300 V / 10 A / #24…12 AWG
125 VAC / 25 A / 2.5 mm2
.45 (4.0)
2.5
The MK 10/14 can be
mounted using glue or with
M 3 x 12 screws through the
terminal point chamber.
MK 4/16
Type
Part No.
MK 4/16 KrG
0244220000
103/17/16 (4.0/.67/.67)
5 (.20)
150 V / 15 A / #24… 12 AWG
150 V / 15 A / #22…12 AWG
380 VAC / 20 A / 2.5 mm2
0.5 (4.5)
2.5
Type
Part No.
BSTb 13/16
0262200000
Bottom
BSTb 13/16
0278700000
Top
BSTo 13/16
0262100000
MK 2/12
Type
Part No.
MK 2/12 PA
0241260000
86/15/15 (3.39/.59/.59)
5 (.20)
300 V / 10 A / #24…12 AWG
300 V / 10 A / #24…12 AWG
60 VAC / 25 A / 2.5 mm2
0.5 (4.5)
2.5
Type
Part No.
MF 2/12
0241760000
SN
0200100000
BSTb 10/12
0245700000
Bottom
BSTb 10/12
0278500000
Top
BSTo 10/12
0245600000


Similar Part No. - 0290000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0290000000 WEIDMULLER-0290000000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 0290000000

ManufacturerPart #DatasheetDescription
logo
Altech corporation
HE1 ALTECH-HE1 Datasheet
788Kb / 10P
FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
FEED-THROUGH Spring Clamp Terminals
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
Bulkhead Feed-Through
logo
Weidmuller
0274120000 WEIDMULLER-0274120000 Datasheet
446Kb / 1P
Direct Mount Terminals
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
Modular feed-through terminals
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
Modular feed-through terminals
1020000000 WEIDMULLER-1020000000 Datasheet
96Kb / 5P
Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
1028400000 WEIDMULLER-1028400000 Datasheet
391Kb / 9P
Bolt-type screw terminals, Feed-through terminal
October 6, 2021
1029300000 WEIDMULLER-1029300000 Datasheet
397Kb / 9P
Bolt-type screw terminals, Feed-through terminal
October 4, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com