Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX016AM Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 5 Page - Sony Corporation

  LCX016AM Datasheet HTML 1Page - Sony Corporation LCX016AM Datasheet HTML 2Page - Sony Corporation LCX016AM Datasheet HTML 3Page - Sony Corporation LCX016AM Datasheet HTML 4Page - Sony Corporation LCX016AM Datasheet HTML 5Page - Sony Corporation LCX016AM Datasheet HTML 6Page - Sony Corporation LCX016AM Datasheet HTML 7Page - Sony Corporation LCX016AM Datasheet HTML 8Page - Sony Corporation LCX016AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
LCX016AM
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vpsig
–0.5
4.5
–0.5
4.5
VVC – 4.5
VVC ± 4.3
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 4.5
0.4
5.5
0.4
5.5
VVC + 4.5
VVC ± 4.7
V
V
V
V
V
V
V
V
V shift register input voltage
MODE1, MODE2, MODE3,
BLK, VST, VCK, PCG,
ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
1 Input video signal shall be symmetrical to VVC.
2 Common voltage of the panel shall be adjusted to VVC – 0.4V.
3 Uniformity improvement signal PSIG shall be the same polarity as video signals SIG1 to 6.
Level Conversion Circuit
The LCX016AM has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com