Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM10D-050-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # CLM10D-050-R
Description  10W Car Charging Adapter for Portable Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

CLM10D-050-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  CLM10D-050-R Datasheet HTML 1Page - Phihong USA Inc. CLM10D-050-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
CLM10D-050(A) Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Range
10 to 30V DC (12 Volts Nominal)
Input Current
≤30mA at no load (12V Input)
≤1.40A at no load (10V Input)
≤1.44A at no load (30V Input)
Output:
Output Power
10W
Efficiency
80% minimum at maximum load and 12V
Rise time:
<50mSec.
Input Over-Voltage
Fuse will blow with no damage to unit
Output Over-Voltage
By Zener clamping
Reverse Polarity Protection
Fuse will blow with no damage to unit
Short-Circuit Protection
Current limiting without damage to unit
Environmental:
Temperature
Operation
-20 to 60°C
Non-operation
-40 to 85°C
Operating Humidity
0 to 95%
MTBF
100K Hours Minimum at full load and ambient 25°C
DC Output Connector
2.1mm x 5.5mm x 9mm Center Positive Barrel
DC Cord
1.61 Meters (extended)
Dimension Diagram Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com