Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR11672AS Datasheet(PDF) 21 Page - International Rectifier

Part # IR11672AS
Description  ADVANCED SMART RECTIFIER TM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 21 Page - International Rectifier

Back Button IR11672AS Datasheet HTML 17Page - International Rectifier IR11672AS Datasheet HTML 18Page - International Rectifier IR11672AS Datasheet HTML 19Page - International Rectifier IR11672AS Datasheet HTML 20Page - International Rectifier IR11672AS Datasheet HTML 21Page - International Rectifier IR11672AS Datasheet HTML 22Page - International Rectifier IR11672AS Datasheet HTML 23Page - International Rectifier IR11672AS Datasheet HTML 24Page - International Rectifier IR11672AS Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IR11672AS
www.irf.com
© 2009-2011 International Rectifier
21
-90.0
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
VS=-150mV
VS=0V
VS=+2V
Figure 21: VTH2 vs. Temperature and
Common Mode
0 us
1 us
2 us
3 us
4 us
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
RMOT=5k
RMOT=75k
Figure 22: MOT vs Temperature
1.0 V
1.5 V
2.0 V
2.5 V
3.0 V
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
VEN HI
VEN LO
Figure 23: Enable Threshold vs. Temperature
35 ns
40 ns
45 ns
50 ns
55 ns
60 ns
65 ns
70 ns
75 ns
80 ns
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
Turn-on Propagation Delay
Turn-off Propagation Delay
Figure 24: Turn-on and Turn-off Propagation
Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com