Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX032 Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX032 Datasheet HTML 9Page - Sony Corporation LCX032 Datasheet HTML 10Page - Sony Corporation LCX032 Datasheet HTML 11Page - Sony Corporation LCX032 Datasheet HTML 12Page - Sony Corporation LCX032 Datasheet HTML 13Page - Sony Corporation LCX032 Datasheet HTML 14Page - Sony Corporation LCX032 Datasheet HTML 15Page - Sony Corporation LCX032 Datasheet HTML 16Page - Sony Corporation LCX032 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
– 13 –
LCX032AK
2. Optical Transmittance
Optical Transmittance (T) is given by the following formula (2).
T =
× 100 [%] ...(2)
L (White) is the same expression as defined in the "Contrast Ratio" section.
3. Chromaticity
Chromaticity of the panels are measured by System I. Raster modes of each color are defined by the
representations at the input signal amplitude conditions shown in the table below. System I uses
Chromaticity of x and y on the CIE standards here.
Signal amplitudes (VAC) supplied to each input
R input
G input
B input
R
G
B
0.5
4.0
4.0
4.0
0.5
4.0
4.0
4.0
0.5
(Unit: V)
4. V-T Characteristics
V-T characteristics, the relationship between signal
amplitude and the transmittance of the panels, are
measured by System II. V90, V50 and V10 correspond to
the each voltage which defines 90%, 50% and 10% of
transmittance respectively. (Transmittance at VAC =
0.5V is 100%.)
5. Half Tone Color Reproduction Range
Half tone color reproduction range of the LCD panels is
characterized by the differences between the V-T
characteristics of R, G and B. The differences of these
V-T characteristics are measured by System II. System
II defines signal voltages of each R, G, B raster modes
which correspond to 50% of transmittance, V50R, V50G
and V50B respectively. V50RG and V50BG, the voltage
differences between V50R and V50G, V50B and V50G, are
simply given by the following formulas (3) and (4)
respectively.
V50RG = V50R – V50G ...(3)
V50BG = V50B – V50G ...(4)
90
50
10
V90
V50 V10
VAC – Signal amplitude [V]
100
50
0
V50R
V50B
V50G
VAC – Signal amplitude [V]
V50RG
V50BG
G raster
B raster
R raster
L (White)
Luminance of Back Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com