Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX034ALT Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX034ALT
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX034ALT Datasheet(HTML) 5 Page - Sony Corporation

  LCX034ALT Datasheet HTML 1Page - Sony Corporation LCX034ALT Datasheet HTML 2Page - Sony Corporation LCX034ALT Datasheet HTML 3Page - Sony Corporation LCX034ALT Datasheet HTML 4Page - Sony Corporation LCX034ALT Datasheet HTML 5Page - Sony Corporation LCX034ALT Datasheet HTML 6Page - Sony Corporation LCX034ALT Datasheet HTML 7Page - Sony Corporation LCX034ALT Datasheet HTML 8Page - Sony Corporation LCX034ALT Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
– 5 –
LCX034ALT
(5) PCG, VCK
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
VVDD
Input
1M
Ω
(6) VST, BLK, ENB, DWN
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
VVDD
Input
1M
Ω
(7) COM
Input
LC
1M
Ω
VVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com