Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6010 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6010 Datasheet HTML 1Page - Richtek Technology Corporation RT6010 Datasheet HTML 2Page - Richtek Technology Corporation RT6010 Datasheet HTML 3Page - Richtek Technology Corporation RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT6010
2
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 2. Synchronization for Multiple Channel_Digital
Figure 1
Marking Information
RT6010
GSYMDNN
RT6010GS : Product Number
YMDNN : Date Code
VCC
EPWM/IPWM
VCC
High : Disable SPD Function
Low : Support SPD
EN
DIM/PWM_IN
DPS
F_DELAY
D_OSC
RT6010
VSS
NC
RT
RT_OUT
PWM_OUT
GATE1
CS1
GATE2
CS2
Slave IC
Slave IC
0.22µF
4.7mH
4.7mH
0.22µF
VIN
1
13
2
6
8
5
4
16
7
3
14
15
12
11
9
10
Chip Enable
12V
FAULT
CD_OSC
CF_DELAY
CVCC
RCS2
Q2
L2
D2
D1
L1
RCS1
COUT1
COUT2
Q1
CIN
10µF
10nF
10nF
RRT
180k
5
5
120µF/450V
VCC
EN
DIM/PWM_IN
DPS
F_DELAY
D_OSC
RT6010 (Stage_1)
VSS
RT
RT_OUT
PWM_OUT
GATE1
CS1
GATE2
CS2
12V
FAULT
5V
EN
VCC
EN
DIM/PWM_IN
DPS
F_DELAY
D_OSC
RT6010 (Stage_2)
VSS RT
RT_OUT PWM_OUT
GATE1
CS1
GATE2
CS2
4.7mH
4.7mH
FAULT
5V
FAULT
Stage_3 DIM/PWM_IN
Stage_3 RT
VIN
High : Disable SPD Function
Low : Support SPD
0.22µF
4.7mH
4.7mH
0.22µF
Q2
D2
D1
Q1
10µF
10nF
5
5
120µF/450V
50k
180k
10nF
0.22µF
0.22µF
Q4
D4
D3
Q3
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com