Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205L Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8205L
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205L Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8205L Datasheet HTML 9Page - Richtek Technology Corporation RT8205L Datasheet HTML 10Page - Richtek Technology Corporation RT8205L Datasheet HTML 11Page - Richtek Technology Corporation RT8205L Datasheet HTML 12Page - Richtek Technology Corporation RT8205L Datasheet HTML 13Page - Richtek Technology Corporation RT8205L Datasheet HTML 14Page - Richtek Technology Corporation RT8205L Datasheet HTML 15Page - Richtek Technology Corporation RT8205L Datasheet HTML 16Page - Richtek Technology Corporation RT8205L Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RT8205L/M
13
DS8205L/M-05 June 2011
www.richtek.com
VOUT1 Output Voltage vs. Load Current
5.000
5.006
5.012
5.018
5.024
5.030
5.036
5.042
5.048
5.054
5.060
5.066
5.072
5.078
5.084
5.090
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V,
TONSEL =GND,
EN= FLOATING,
VENTRIP1 = 1.5V,
ENTRIP2 =GND
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT2 Output Voltage vs. Load Current
3.380
3.386
3.392
3.398
3.404
3.410
3.416
3.422
3.428
3.434
3.440
3.446
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V,
TONSEL =GND,
EN= FLOATING,
ENTRIP2 =GND,
VENTRIP1 = 1.5V
DEM Mode
Ultrasonic Mode
PWM Mode
VREG5 Output Voltage vs. Output Current
4.970
4.974
4.978
4.982
4.986
4.990
4.994
4.998
5.002
5.006
0
10203040
506070
8090
100
Output Current (mA)
VIN = 12V, ENTRIP1 = ENTRIP2 = GND,
EN = FLOATING, TONSEL =GND
VREG3 Output Voltage vs. Output Current
3.330
3.334
3.338
3.342
3.346
3.350
3.354
3.358
0
1020
3040
5060
70
Output Current (mA)
VIN = 12V, ENTRIP1 = ENTRIP2 = GND,
EN = FLOATING, TONSEL = GND
Reference Voltage vs. Output Current
2.0000
2.0008
2.0016
2.0024
2.0032
2.0040
2.0048
2.0056
2.0064
2.0072
2.0080
-10
0
10
20
30
40
50
60
70
80
90 100
Output Current (μA)
VIN = 12V, ENTRIP1 = ENTRIP2 = GND,
EN = FLOATING, TONSEL = GND
Battery Current vs. Input Voltage
0.1
1.0
10.0
100.0
6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Input Voltage (V)
VENTRIP1 = VENTRIP2 = 0.91V,
TONSEL = GND, EN = FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com