Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 17Page - Richtek Technology Corporation RT8205 Datasheet HTML 18Page - Richtek Technology Corporation RT8205 Datasheet HTML 19Page - Richtek Technology Corporation RT8205 Datasheet HTML 20Page - Richtek Technology Corporation RT8205 Datasheet HTML 21Page - Richtek Technology Corporation RT8205 Datasheet HTML 22Page - Richtek Technology Corporation RT8205 Datasheet HTML 23Page - Richtek Technology Corporation RT8205 Datasheet HTML 24Page - Richtek Technology Corporation RT8205 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RT8205A/B/C
21
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
driver waveform to become the complement of the high-
side gate-driver waveform. This in turn causes the inductor
current to reverse at light loads as the PWM loop to
maintain a duty ratio of VOUT/VIN. The benefit of forced-
CCM mode is to keep the switching frequency fairly
constant, but it comes at a cost : The no-load battery
current can be 10mA to 40mA, depending on the external
MOSFETs.
Reference and linear Regulators (REF, VREGx)
The 2V reference (REF) is accurate within ±1% over
temperature, making REF useful as a precision system
reference. Bypass REF to GND with a 0.22uF (min)
capacitor. REF can supply up to 50uA for external loads.
Loading REF reduces the VOUTx output voltage slightly
because of the reference load-regulation error.
VREG5 regulator supplies total of 70mA for internal and
external loads, including MOSFET gate driver and PWM
controller. VREG3 regulator supplies up to 70mA for
external loads. Bypass VREG5 and VREG3 with a 4.7uF
(min) capacitor; use an additional 1uF per 5mA of internal
and external load.
When the 5V main output voltage is above the VREG5
switchover threshold, an internal 1.5
ΩN-Channel MOSFET
switch connects VOUT1 to VREG5 while simultaneously
shutting down the VREG5 linear regulator. Similarly, when
the 3.3V main output voltage is above the VREG3
switchover threshold, an internal 1.5
ΩN-Channel MOSFET
switch connects VOUT2 to VREG3 while simultaneously
shutting down the VREG3 linear regulator. It can decrease
the power dissipation from the same battery, because the
converted efficiency of SMPS is better than the converted
efficiency of linear regulator.
Current-Limit Setting (ENTRIPx)
The RT8205A/B/C has cycle-by-cycle current limiting
control. The current-limit circuit employs a unique “valley”
current sensing algorithm. If the magnitude of the current-
sense signal at PHASEx is above the current-limit
threshold, the PWM is not allowed to initiate a new cycle
(Figure 2). The actual peak current is greater than the
current-limit threshold by an amount equal to the inductor
ripple current. Therefore, the exact current-limit
Figure 2. “valley” Current-Limit
The RT8205A/B/C uses the on-resistance of the
synchronous rectifier as the current-sense element. Use
the worse-case maximum value for RDS(ON) from the
MOSFET datasheet, and add a margin of 0.5%/
°C for the
rise in RDS(ON) with temperature.
The RILIMresistor between the ENTRIPx pin and GND sets
the over current threshold. The resistor RILIM is connected
to a 10uA current source from ENTRIPx. When the voltage
drop across the sense resistor or low-side MOSFET
equals 1/10 the voltage across the RILIM resistor, positive
current limit will be activated. The high-side MOSFET will
not be turned on until the voltage drop across the MOSFET
falls below 1/10 the voltage across the RILIM resistor.
Choose a current limit resistor by following equation :
VILIM = (RILIM x 10uA) / 10 = IILIM x RDS(ON)
RILIM = (IILIM x RDS(ON)) x 10 / 10uA
Carefully observe the PC board layout guidelines to ensure
that noise and DC errors do not corrupt the current-sense
signal at PHASEx and GND. Mount or place the IC close
to the low-side MOSFET.
Charge Pump (LG1_CP or SECFB)
The external 14V charge pump is driven by LGATE1 (Figure
3 and Figure 4). When LGATE1 is low, the C1 will be
charged by D1 from VOUT1. C1 voltage is equal to VOUT1
minus a diode drop. When LGATE1 transitions to high,
the charges from C1 will transfer to C2 through D2 and
charge it to VLGATE1 plus VC1. As LGATE1 transitions low
on the next cycle, C2 will charge C3 to its voltage minus
a diode drop through D3. Finally, C3 charges C4 through
IL
t
0
IL, peak
ILIM
ILoad
characteristic and maximum load capability are a function
of the sense resistance, inductor value, and battery and
output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com