Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD114VS Datasheet(PDF) 5 Page - Sony Corporation

Part # SLD114VS
Description  Index-Guided AlGaAs Laser Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD114VS Datasheet(HTML) 5 Page - Sony Corporation

  SLD114VS Datasheet HTML 1Page - Sony Corporation SLD114VS Datasheet HTML 2Page - Sony Corporation SLD114VS Datasheet HTML 3Page - Sony Corporation SLD114VS Datasheet HTML 4Page - Sony Corporation SLD114VS Datasheet HTML 5Page - Sony Corporation SLD114VS Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
– 5 –
SLD114VS
Tc = 25°C
Po = 5mW
Po = 3mW
Po = 2mW
770
775
780
785
790
Power output dependence of spectrum
λ – Wavelength [nm]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com