Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD231VL Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD231VL
Description  Index-Guided High Power AlGaAs Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD231VL Datasheet(HTML) 1 Page - Sony Corporation

  SLD231VL Datasheet HTML 1Page - Sony Corporation SLD231VL Datasheet HTML 2Page - Sony Corporation SLD231VL Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Index-Guided High Power AlGaAs Laser Diode
Description
The SLD231VL is a high-power, index-guided AlGaAs
laser diode.
Features
• Low current consumption
• Small astigmatism
• Small package (
φ5.6mm)
Applications
Pickup for optical discs
Structure
• AlGaAs quantum well structured laser diode
• PIN photodiode for optical power output monitor
Recommended Operating Optical Power Output
35mW
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
PO
40
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg
–40 to +85
°C
– 1 –
E94Y22B97-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD231VL
M-274
Connection Diagram
COMMON
LD
PD
3
21
Pin Configuration
21
3
Bottom View
1. LD anode
2. PD anode
3. COMMON
For the availability of this product, please contact the sales office.


Similar Part No. - SLD231VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Sony Corporation
SLD235VL SONY-SLD235VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD237VL SONY-SLD237VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
More results

Similar Description - SLD231VL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
Index-Guided AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD235VL SONY-SLD235VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD237VL SONY-SLD237VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD238VL SONY-SLD238VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com