Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP441ACEZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADMP441ACEZ-RL
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441ACEZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMP441ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 9Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 10Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 11Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 12Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 13Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 14Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 15Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 13 of 16
OUTLINE DIMENSIONS
3.86
3.76
3.66
4.82
4.72
4.62
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.275
0.250 DIA.
0.225
5
0.96 DIA.
1.56 DIA.
1.05 BSC
1.07
0.30
1.33 BSC
1.05
0.98
0.88
0.24 REF
0.73 REF
2.66 BSC
3.14
REF
4.10 REF
0.40 × 0.60
(PINS 1-8)
1
9
6
4
REFERENCE
CORNER
PIN 1
Figure 17. 9-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4.72 mm × 3.76 mm × 1 mm Body
(CE-9-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
Ordering Quantity
ADMP441ACEZ-RL
−40°C to +85°C
9-Terminal LGA_CAV, 13”Tape and Reel
CE-9-1
4,500
ADMP441ACEZ-RL7
−40°C to +85°C
9-Terminal LGA_CAV, 7”Tape and Reel
CE-9-1
1,000
EVAL-ADMP441Z
Evaluation Board
EVAL-ADMP441Z-FLEX
Flex Evaluation Board
1 Z = RoHS Compliant Part.
2 This package option is halide-free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com