Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADMP441Z Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADMP441Z
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP441Z Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADMP441Z Datasheet HTML 1Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 2Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 3Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 4Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 5Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage (V
DD)
−0.3 V to +3.6 V
Sound Pressure Level
160 dB
Mechanical Shock
10,000 g
Vibration
Per MIL-STD-883 Method
2007, Test Condition B
Operating Temperature Range
−40°C to +85°C
Digital Pin Input Voltage
−0.3 V to V
DD + 0.3 V or 3.6 V,
whichever is less
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 4. Recommended Soldering Profile Limits
Table 5. Recommended Soldering Profile Limits
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (T
L to TP)
1.25°C/sec max
1.25°C/sec max
Preheat
Minimum Temperature (T
SMIN)
100°C
100°C
Maximum Temperature (T
SMAX)
150°C
200°C
Time (T
SMIN to TSMAX), tS
60 sec to 75 sec
60 sec to 75 sec
Ramp-Up Rate (T
SMAX to TL)
1.25°C/sec
1.25°C/sec
Time Maintained Above Liquidous (t
L)
45 sec to 75 sec
~50 sec
Liquidous Temperature (T
L)
183°C
217°C
Peak Temperature (T
P)
215°C +3°C/−3°C
260°C +0°C/−5°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 sec to 30 sec
20 sec to 30 sec
Ramp-Down Rate
3°C/sec max
3°C/sec max
Time 25°C (t
25°C) to Peak Temperature
5 minute max
5 minute max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com