Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD233VL Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD233VL
Description  Index-Guided High Power AlGaAs Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD233VL Datasheet(HTML) 2 Page - Sony Corporation

  SLD233VL Datasheet HTML 1Page - Sony Corporation SLD233VL Datasheet HTML 2Page - Sony Corporation SLD233VL Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
– 2 –
SLD233VL
Optical and Electrical Characteristics (Tc = 25°C)
Tc: Case temperature
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Threshold current
Operating current
Operating voltage
Oscillation wavelength
Radiation
angle
Positional
accuracy
Differential efficiency
Astigmatism
Coherence
Ith
Iop
Vop
λ
θ⊥
θ//
∆X, ∆Y, ∆Z
∆φ⊥
∆φ//
ηD
As
γ
PO = 35mW
PO = 35mW
PO = 35mW
PO = 35mW
PO = 35mW
PO = 30mW
PO = 4mW
780
26
7.4
0.55
30
70
2.0
790
28.5
8.5
0.9
–16
0.7
40
85
2.5
800
32
10.0
±80
±3
±2
1.2
0.9
mA
mA
V
nm
degree
degree
µm
degree
degree
mW/mA
µm
Perpendicular
Parallel
Position
Angle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com