Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7437TRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS7437TRLPBF
Description  HEXFETPower MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7437TRLPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFS7437TRLPBF Datasheet HTML 1Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 2Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 3Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 4Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 5Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 6Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 7Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 8Page - International Rectifier IRFS7437TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFS/SL7437PbF
www.irf.com
3
September 06, 2012
D
S
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
160
–––
–––
S
Qg
Total Gate Charge
–––
150
225
nC
Qgs
Gate-to-Source Charge
–––
41
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
51
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
99
–––
td(on)
Turn-On Delay Time
–––
19
–––
ns
tr
Rise Time
–––
70
–––
td(off)
Turn-Off Delay Time
–––
78
–––
tf
Fall Time
–––
53
–––
Ciss
Input Capacitance
–––
7330 –––
pF
Coss
Output Capacitance
–––
1095 –––
Crss
Reverse Transfer Capacitance
–––
745
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) iÃ
–––
1310 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)h
–––
1735 –––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 250
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1000
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
1.0
1.3
V
trr
Reverse Recovery Time
–––
30
–––
ns
TJ = 25°C
VR = 34V,
–––
30
–––
TJ = 125°C
IF = 100A
Qrr
Reverse Recovery Charge
–––
24
–––
nC TJ = 25°C
di/dt = 100A/μs
g
–––
25
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 10V g
VDD = 20V
ID = 100A, VDS =20V, VGS = 10V
Conditions
VDS = 10V, ID = 100A
ID = 100A
VDS =20V
TJ = 25°C, IS = 100A, VGS = 0V g
integral reverse
p-n junction diode.
MOSFET symbol
showing the
VGS = 0V, VDS = 0V to 32V
VGS = 10V g
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 32V , See Fig. 11
ID = 30A
RG = 2.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com