Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9718 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9718
Description  Over Voltage Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9718 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9718 Datasheet HTML 1Page - Richtek Technology Corporation RT9718 Datasheet HTML 2Page - Richtek Technology Corporation RT9718 Datasheet HTML 3Page - Richtek Technology Corporation RT9718 Datasheet HTML 4Page - Richtek Technology Corporation RT9718 Datasheet HTML 5Page - Richtek Technology Corporation RT9718 Datasheet HTML 6Page - Richtek Technology Corporation RT9718 Datasheet HTML 7Page - Richtek Technology Corporation RT9718 Datasheet HTML 8Page - Richtek Technology Corporation RT9718 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9718
2
DS9718-02 May 2011
www.richtek.com
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VIN
The input power source. The VIN can withstand up to 28V input.
2
GND
Analog Ground.
3
NC
No Internal Connection.
4
WRN
This is an open-drain logic output that turns LOW when any protection event occurs.
5
EN
Chip Enable (Active Low). Pull this pin to low or leave it floating to enable the IC and
force it to high to disable the IC.
6
VB
Battery voltage monitoring input. This pin is connected to the battery pack positive
terminal via an isolation resistor.
7
ILIM
Over current protection threshold setting pin. Connect a resistor between this pin
and GND to set the OCP threshold.
8
VOUT
Output through the power MOSFET.
9 (Expose Pad) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum thermal dissipation.
Functional Pin Description
Typical Application Circuit
Control
Logic
Driver
OCP
OCP
Seting
BATOVP
Buffer
OTP
UVLO
INOVP
BASE
VREF
Ibias
VDD
EN
Logic
WRN
GND
VOUT
ILIM
VB
VIN
EN
RT9718
VIN
WRN
GND
VOUT
ILIM
VB
EN
VIN
CIN
Charger IC
(RT9502)
+
RVB
7
6
5
1
2
4
8
To System
Battery
Chip Enable
RILIM
1µF
COUT
1µF
200k
25k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com