Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9719 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9719
Description  Charging System Safety Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9719 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9719 Datasheet HTML 1Page - Richtek Technology Corporation RT9719 Datasheet HTML 2Page - Richtek Technology Corporation RT9719 Datasheet HTML 3Page - Richtek Technology Corporation RT9719 Datasheet HTML 4Page - Richtek Technology Corporation RT9719 Datasheet HTML 5Page - Richtek Technology Corporation RT9719 Datasheet HTML 6Page - Richtek Technology Corporation RT9719 Datasheet HTML 7Page - Richtek Technology Corporation RT9719 Datasheet HTML 8Page - Richtek Technology Corporation RT9719 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9719
2
DS9719-01 April 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
RT9719
ACIN
GND
CHRIN
ISENSE
GATEDRV
VACIN
CIN
COUT
1µF
1µF
0.2
SOC
CHRIN
GATEDRV
ISENSE
VBAT
1µF
Battery
Functional Pin Description
Pin No.
SOT-23-6
WDFN-8L 2x2
Pin Name
Pin Function
1
--
NC
No Internal Connection.
2
4
GND
Analog Ground.
3
1, 2, 3
ACIN
The Input Power Source. The VIN can withstand up to 30V input.
4
7, 8
ISENSE
Connect to ISENSE resistor and ISENSE pin of charging controller.
5
6
CHRIN
Voltage is equal to VIN as VIN in power good range and providing ~25mA
for system at most.
6
5
GATEDRV External control pin for controlling the P-MOSFET by charging controller.
--
9
(Exposed pad)
GND
Ground Pin. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Control
Logic
MUX
SW
SW
INOVP
UVLO
OTP
ACIN
ISENSE
CHRIN
GND
GATEDRV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com