Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2822
Description  DUAL POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2822_03 Datasheet HTML 3Page - STMicroelectronics TDA2822_03 Datasheet HTML 4Page - STMicroelectronics TDA2822_03 Datasheet HTML 5Page - STMicroelectronics TDA2822_03 Datasheet HTML 6Page - STMicroelectronics TDA2822_03 Datasheet HTML 7Page - STMicroelectronics TDA2822_03 Datasheet HTML 8Page - STMicroelectronics TDA2822_03 Datasheet HTML 9Page - STMicroelectronics TDA2822_03 Datasheet HTML 10Page - STMicroelectronics TDA2822_03 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Figure 14 : Application Circuit for Portable Radios.
MOUNTING INSTRUCTION
The Rth j-amb of the TDA2822 can be reduced by sol-
dering the GND pins to a suitable copper area of the
printed circuit board (Figure 15) or to an external
heatsink (Figure 16).
The diagram of Figure 17 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side "
∂" of two equal square copper areas having
a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260 °C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 15 : Example of P.C. Board Copper Area
which is used as Heatsink.
Figure 16 : External Heatsink Mounting Example.
TDA2822
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com