Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9730 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9730
Description  Charging System Safety Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9730 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9730 Datasheet HTML 1Page - Richtek Technology Corporation RT9730 Datasheet HTML 2Page - Richtek Technology Corporation RT9730 Datasheet HTML 3Page - Richtek Technology Corporation RT9730 Datasheet HTML 4Page - Richtek Technology Corporation RT9730 Datasheet HTML 5Page - Richtek Technology Corporation RT9730 Datasheet HTML 6Page - Richtek Technology Corporation RT9730 Datasheet HTML 7Page - Richtek Technology Corporation RT9730 Datasheet HTML 8Page - Richtek Technology Corporation RT9730 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9730
2
DS9730-01 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2
ACIN
Input Power Source Pin. It can withstand up to 30V input.
3,
9 (Exposed pad)
GND
Analog Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation..
4
NC
No Internal Connection.
5
GATDRV
External control pin for controlling the P-MOSFET by charging controller.
6
CHRIN
Voltage is equal to VIN as VIN in power good range and providing
≅25mA for
system at most.
7, 8
OUT
Connect to OUT resistor and OUT pin of charging controller.
Control
Logic
MUX
SW
SW
INOVP
UVLO
OTP
ACIN
OUT
CHRIN
GND
GATDRV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com