Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302XT Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD302XT
Description  200mW High Power Laser Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD302XT Datasheet(HTML) 2 Page - Sony Corporation

  SLD302XT Datasheet HTML 1Page - Sony Corporation SLD302XT Datasheet HTML 2Page - Sony Corporation SLD302XT Datasheet HTML 3Page - Sony Corporation SLD302XT Datasheet HTML 4Page - Sony Corporation SLD302XT Datasheet HTML 5Page - Sony Corporation SLD302XT Datasheet HTML 6Page - Sony Corporation SLD302XT Datasheet HTML 7Page - Sony Corporation SLD302XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
SLD302XT
Electrical and Optical Characteristics
(Tth: Thermistor temperature, Tth = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 1W. However the optical power
density of the laser beam at the diode chip
reaches 1mW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS use
safety goggles that block infrared rays. Usage of
IR scopes, IR cameras and fluorescent plates is
also recommended for monitoring laser beams
safely.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λp
Imon
θ⊥
θ//
∆X, ∆Y
∆φ⊥
ηD
Rth
Threshold current
Operating current
Operating voltage
Wavelength∗
Monitor current
Radiation angle
Positional accuracy
Differential efficiency
Thermistor resistance
PO = 180mW
PO = 180mW
PO = 180mW
PO = 180mW
VR = 10V
PO = 180mW
PO = 180mW
PO = 180mW
Tth = 25°C
770
0.65
150
350
1.9
0.3
28
12
0.9
10
200
500
3.0
840
40
17
±100
±3
mA
mA
V
nm
mA
degree
degree
µm
degree
mW/mA
k
Ω
Perpendicular
Parallel
Position
Angle
∗ Wavelength Selection Classification
Type
SLD302XT-1
SLD302XT-2
SLD302XT-3
Wavelength (nm)
785 ± 15
810 ± 10
830 ± 10
Type
SLD302XT-21
SLD302XT-24
SLD302XT-25
Wavelength (nm)
798 ± 3
807 ± 3
810 ± 3
AP
C
ATC
Safety goggles for
protection from
laser beam
IR fluorescent plate
Optical
material
Optical power output control device
temperature control device
Lens
Laser diode
Optical boad



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com