Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9368 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9368
Description  4-Channel Charge Pump White LED Driver with Low Dropout Current Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9368 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9368 Datasheet HTML 1Page - Richtek Technology Corporation RT9368 Datasheet HTML 2Page - Richtek Technology Corporation RT9368 Datasheet HTML 3Page - Richtek Technology Corporation RT9368 Datasheet HTML 4Page - Richtek Technology Corporation RT9368 Datasheet HTML 5Page - Richtek Technology Corporation RT9368 Datasheet HTML 6Page - Richtek Technology Corporation RT9368 Datasheet HTML 7Page - Richtek Technology Corporation RT9368 Datasheet HTML 8Page - Richtek Technology Corporation RT9368 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9368
2
DS9368-07 April 2011
www.richtek.com
Typical Application Circuit
VOUT
LED4
LED2
LED1
LED3
ISET
EN
VIN
C
OUT
C
IN
R
SET
RT9368
GND
2.2uF
C
PUMP2
C
PUMP1
2.2uF
GPIO
+
VOUT
LED4
LED2
LED1
LED3
ISET
EN
VIN
C
OUT
C
IN
R
SET
RT9368
GND
2.2uF
C
PUMP2
C
PUMP1
2.2uF
GPIO
+
VOUT
LED4
LED2
LED1
LED3
ISET
EN
VIN
C
OUT
C
IN
R
SET
RT9368
GND
2.2uF
C
PUMP2
C
PUMP1
2.2uF
GPIO
+
Figure 1. 4-WLEDs Application Circuit with PWM Dimming Function
Figure 2. 3-WLEDs Application Circuit with PWM Dimming Function
Figure 3. 2-WLEDs Application Circuit with PWM Dimming Function
CPUMP1 CPUMP2 Maximum output current (total)
0.22uF
0.22uF
60mA
0.47uF
0.47uF
100mA
1uF
1uF
160mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com