Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9991 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9991 Datasheet HTML 1Page - Richtek Technology Corporation RT9991 Datasheet HTML 2Page - Richtek Technology Corporation RT9991 Datasheet HTML 3Page - Richtek Technology Corporation RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9991
2
DS9991-01 April 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
Buck
Converter 1
LX1
VIN1
Buck
Converter 2
LX2
VIN2
Buck
Converter 3
LX3
VIN3
FB1
FB2
FB3
RESET
0.7V
GND
VDET
EN1
EN2
EN3
+
-
RT9991
LX1
VOUT1
1.2V/1A
16, 17
R1
R2
L1
2.2µH
10µF
30k
64.9k
C2
FB1
13
VIN1
VIN
15, 20
C1
GND
1, 18, 19, 22, 23, 32,
33 (Exposed Pad)
LX2
VOUT2
1.8V/1A
24, 25
R3
R4
L2
2.2µH
10µF
80k
64.9k
C3
FB2
28
LX3
VOUT3
3.3V/3A
2, 3, 4
R5
R6
L3
1µH
10µF x 2
200k
64.9k
C4
FB3
8
VIN2
21, 26
VIN3
5, 6
5V
VDET
11
RESET
10
VDD
3.3V
43k
R7
R8
R9
EN1
14
EN2
27
EN3
7
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com