Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD344YT Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD344YT
Description  6W High Power Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD344YT Datasheet(HTML) 3 Page - Sony Corporation

  SLD344YT Datasheet HTML 1Page - Sony Corporation SLD344YT Datasheet HTML 2Page - Sony Corporation SLD344YT Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
– 3 –
SLD344YT
Package Outline
Unit: mm
PACKAGE WEIGHT
SONY CODE
EIAJ CODE
JEDEC CODE
M-288
150g
4 –
φ4.04 – 0.03
+ 0.08
φ5.0
Window
Glass
38.60 ± 0.15
9 –
φ1.0
2.54
44.45 ± 0.50
LD Chip
31.75 ± 0.50
Reference
Plane
19.30 ± 0.15
26.4
M-288
Sony Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com