Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5679 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N5679
Description  PNP SWITCHING TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5679 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N5679 Datasheet HTML 1Page - Comset Semiconductor 2N5679 Datasheet HTML 2Page - Comset Semiconductor 2N5679 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N5679 – 2N5680
24/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ICBO
Collector Cutoff
Current
VCB = -100 V, IE = 0
2N5679
-
-
-1
µA
VCB = -120 V, IE = 0
2N5680
ICEO
Collector Cutoff
Current
VCE = -70 V, IB = 0
2N5679
-
-
-10
µA
VCE = -80 V, IB = 0
2N5680
ICEV
Collector Cutoff
Current
VCE = -100 V, VBE = 1.5 V
2N5679
-
-
-1
µA
VCE = -120 V, VBE = 1.5 V
2N5680
VCE = -100 V, VBE = 1.5 V
TC = 150°C
2N5679
-
-
-1
mA
VCE = -120 V, VBE = 1.5 V
TC = 150°C
2N5680
IEBO
Emitter Cutoff
Current
VBE = -4.0 V, IC = 0
2N5679
-
-
-1
µA
2N5680
VCEO(sus)
Collector Emitter
Sustaining voltage (*)
IC = -10 mA, IB = 0
2N5679
-100
-
-
V
2N5680
-120
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC = -250 mA
IB = -25 mA
2N5679
-
-
-0.6
V
2N5680
IC = -500 mA
IB = -50 mA
2N5679
-
-
-1
2N5680
IC = -1 A
IB = -200 mA
2N5679
-
-
-2
2N5680
VBE
Base-Emitter Voltage
(*)
IC = -250 mA, VCE = -2 V
2N5679
-
-
-1
V
2N5680
hFE
DC Current Gain (*)
IC = -250 mA, VCE = -2 V
2N5679
40
-
150
2N5680
IC = -1 A, VCE = -2 V
2N5679
5
-
-
2N5680
fT
Transition frequency
IC = -100 mA, VCE = -10 V
f = 10 MHz
2N5679
30
-
-
MHz
2N5680
COB
Output Capacitance
IE = 0, VCB = -20 V
f = 1MHz
2N5679
-
-
50
pF
2N5680
hfe
Small Signal Current
Gain
IC = -200 mA, VCE = -1.5 V
f = 1 kHz
2N5679
40
-
-
-
2N5680
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com