Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L05ACZ Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 78L05ACZ
Description  Positive Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

78L05ACZ Datasheet(HTML) 2 Page - Comset Semiconductor

  78L05ACZ Datasheet HTML 1Page - Comset Semiconductor 78L05ACZ Datasheet HTML 2Page - Comset Semiconductor 78L05ACZ Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
78L05ACZ - 78L12ACZ
25/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS OF 78L05ACZ
Vi- = 10 V; IO = 40 mA; TC = 25°C
Symbol
Ratings
Test Condition(s)
MIN
TYP MAX
UNIT
VO
Output Voltage
TC = 25°C
4.8
5
5.2
V
Vi = 7 V to 20 V
IO = 1 mA to 40 mA
4.75
5
5.25
IO = 1 mA to 70 mA
4.75
5
5.25
∆ V
O
Line Regulation
7 V
≤ V
i ≤ 20 V
-
-
150
mV
8 V
≤ V
i ≤ 20 V
-
-
100
∆ V
O
Load Regulation
IO = 1 mA to 100 mA
-
-
60
mV
IO = 1 mA to 40 mA
-
-
30
IB
Quiescent Current
-
-
6
mA
∆ I
B1
Quiescent Current
Change
8 V
≤ V
i ≤ 20 V
-
-
1.5
mA
∆ I
B2
Quiescent Current
Change
IO = 1 mA to 40 mA
-
-
0.1
mA
ELECTRICAL CHARACTERISTICS OF 78L12ACZ
Vi- = 19 V; IO = 40 mA; TC = 25°C
Symbol
Ratings
Test Condition(s)
MIN
TYP MAX
UNIT
VO
Output Voltage
TC = 25°C
11.5
12
12.5
V
Vi = 14.5 V to 27 V
IO = 1 mA to 40 mA
11.4
12
12.6
IO = 1 mA to 70 mA
11.4
12
12.6
∆ V
O
Line Regulation
14.7 V
≤ V
i ≤ 27 V
-
-
250
mV
16 V
≤ V
i ≤ 27 V
-
-
200
∆ V
O
Load Regulation
1 mA
≤ I
O ≤ 100 mA
-
-
100
mV
1 mA
≤ I
O ≤ 40 mA
-
-
50
IB
Quiescent Current
-
-
6.5
mA
∆ I
B1
Quiescent Current
Change
16 V
≤ V
i ≤ 27 V
-
-
1.5
mA
∆ I
B2
Quiescent Current
Change
1 mA
≤ I
O ≤ 40 mA
-
-
0.1
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com