Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY71 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BCY71
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY71 Datasheet(HTML) 2 Page - Comset Semiconductor

  BCY71 Datasheet HTML 1Page - Comset Semiconductor BCY71 Datasheet HTML 2Page - Comset Semiconductor BCY71 Datasheet HTML 3Page - Comset Semiconductor BCY71 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP BCY70 – BCY71 – BCY72
16/11/2012
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector Cutoff
Current
VCB = -20 V, VBE = 0 V
BCY70
-
-
-10
nA
BCY71
-
-
-100
BCY72
-
-
-100
ICES
Collector Cutoff
Current
VCB = -50 V
VBE = 0 V,Tj = 150 °C
BCY70
-
-
-0.5
µA
VCB = -45 V
VBE = 0V,Tj = 150 °C
BCY71
-
-
-10
VCB = -25 V
VBE = 0 V,Tj = 150 °C
BCY72
-
-
-10
IEBO
Emitter Cutoff
Current
VBE = -5.0 V, IC = 0
BCY70
-
-
-500
nA
BCY71
BCY72
VCE(SAT)
Collector-Emitter
saturation Voltage
IC = -10 mA, IB = -1 mA
BCY70
-
-
-0.25
V
BCY71
BCY72
IC = -50 mA, IB = -5 mA
BCY70
-
-
-0.5
BCY71
BCY72
VBE(SAT)
Base-Emitter
Saturation Voltage
IC = -10 mA, IB = -1 mA
BCY70
-0.6
-
-0.9
BCY71
BCY72
IC = -50 mA, IB = -5 mA
BCY70
-
-
-1.2
BCY71
BCY78
BCY70
BCY71
BCY72
Unit
Min
Max
Min
Max
Min
Max
hFE
DC Current Gain
IC = -0.1mA
VCE = -1 V
40
-
80
-
-
-
-
IC = -1 mA
VCE = -1 V
45
-
90
40
-
IC = -10 mA
VCE = -1 V
50
-
100
600
50
-
IC = -50 mA
VCE = -1 V
15
-
15
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com