Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC177B Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BC177B
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC177B Datasheet(HTML) 2 Page - Comset Semiconductor

  BC177B Datasheet HTML 1Page - Comset Semiconductor BC177B Datasheet HTML 2Page - Comset Semiconductor BC177B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BC177 – BC178 – BC179
18/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCE(SAT)
Collector-Emitter
saturation Voltage
IC =-10 mA
IB =-0.5 mA
BC177
-
-0.075
-0.25
BC178
BC179
IC =-100 mA
IB =-5 mA
BC177
-
-0.2
-
BC178
BC179
VBE(SAT)
Base-Emitter Saturation
Voltage
IC =-10 mA
IB =-0.5 mA
BC177
-
-0.72
-0.8
V
BC178
BC179
IC =-100 mA
IB =-5 mA
BC177
-
-0.86
-
BC178
BC179
VBE
Base-Emitter Voltage
IC =-2 mA
VCE =-5 V
BC177
-0.6
-0.65
-0.75
V
BC178
BC179
hFE
DC Current Gain (*)
IC= -2 mA
VCE= 5 V
BC177A
125
-
260
-
BC178A
BC179A
BC177B
240
-
500
BC178B
BC179B
fT
Transition frequency
IC =-10 mA
VCE =-5 V
f = 100 MHz
BC177
-
200
-
MHz
BC178
BC179
F
Noise figure
IC = -200 µA
VCE =-5 V
f = 1kHz
Rg=2kΩ
B = 200Hz
BC177
-
-
10
db
BC178
-
-
10
BC179
-
-
4
CC
Collector capacitance
IE = 0
VCB =-10 V
f = 1MHz
BC177
-
5
-
pF
BC178
BC179
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to mounting base
500
°C/W
RthJ-c
Thermal Resistance, Junction to ambient in free air
200
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com