Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD246B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD246B
Description  PNP SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD246B Datasheet(HTML) 1 Page - Comset Semiconductor

  BD246B Datasheet HTML 1Page - Comset Semiconductor BD246B Datasheet HTML 2Page - Comset Semiconductor BD246B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD246, A, B, C
25/09/2012
COMSET SEMICONDUCTORS
1/3
P
PN
NP
P S
SIIN
NG
GL
LE
E--D
DIIF
FF
FU
US
SE
ED
D M
ME
ES
SA
A S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R
T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The BD246 series are PNP power transistors in a TO3PN envelope.
They are the power transistors for power amplifier and high-speed-switching applications.
The complementary is BD245, A, B, C
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IC = -30mA)
BD246
-45
V
BD246A
-60
BD246B
-80
BD246C
-100
VCER
Collector-Emitter Voltage (RBE = 100 Ω)
BD246
-55
V
BD246A
-70
BD246B
-90
BD246C
-115
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
IC
-10
A
ICM
-15
IB
Base Current
-3
A
PT
Power Dissipation
Tmb = 25° C
80
Watts
TJ
Junction Temperature
-65 to +150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Junction to Case Thermal Resistance
1.56
°C / W
RthJA
Junction to free air Thermal Resistance
42
°C / W


Similar Part No. - BD246B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD246B POINN-BD246B Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD246B TRSYS-BD246B Datasheet
465Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD246B BOURNS-BD246B Datasheet
108Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD246B SAVANTIC-BD246B Datasheet
145Kb / 3P
Silicon PNP Power Transistors
BD246B SAVANTIC-BD246B Datasheet
146Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD246B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
NPN SILICON TRANSISTORS DIFFUSED MESA
2SA766 ETC-2SA766 Datasheet
40Kb / 1P
SILICON PNP DOUBLE DIFFUSED MESA
logo
Comset Semiconductor
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BD245 COMSET-BD245 Datasheet
75Kb / 3P
NPN SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53_12 Datasheet
77Kb / 3P
SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57_12 Datasheet
1Mb / 3P
SILICON TRANSISTORS, DIFFUSED MESA
logo
New Jersey Semi-Conduct...
TIP34 NJSEMI-TIP34 Datasheet
102Kb / 2P
P-N-P SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com