Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD684 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD684
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD684 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD684 Datasheet HTML 1Page - Comset Semiconductor BD684 Datasheet HTML 2Page - Comset Semiconductor BD684 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD684 – BD684A
23/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off current
IE=0, VCB= -120 V
-
-
-0,2
mA
IE=0, VCB= -120V, Tj= 150°C
-
-
-2
ICEO
Collector cut-off current
IB=0,VCE= -1/2VCEOMAX
-
-
-0,5
mA
IEBO
Emitter cut-offcurrent
IC=0, VEB=-5 V
-
-
-5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-1.5 A
IB=-30 mA
BD683
-
-
-2,5
V
IC=-2 A, IB=-40 mA
BD683A
-
-
-2,8
hFE
DC Current Gain (*)
VCE=-3 V, IC=-1.5 A
BD683
750
-
-
-
VCE=-3 V, IC=-2 A
BD683A
VBE
Base-Emitter Voltage (*)
VCE=-3 V, IC=-1.5 A
BD683
-
-
-2,5
V
VCE=-3 V, IC=-2 A
BD683A
hfe
Small signal current gain
VCE=-3 V, IC=-1.5 A, f= 1 MHz
10
-
-
-
fhfe
Ut-off frequency
VCE=-3 V, IC=-1.5 A
-
60
-
kHz
VF
Diode forward voltage
IF=-1,5 A
-
-1,5
-
V
I(SB)
Second-breakdown
collector current
VCE=-50 V, tP= 20ms, non rep.
without heatsink
-0,8
-
-
A
ton
Turn-on time
Icon= -1.5A, Ibon= -Iboff= -6mA
VCC=-30V
-
0,8
2
µs
toff
Turn-off time
-
4,5
8
(*) Measured under pulse conditions :tP <300µs, δ <2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com