Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT65B Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BDT65B
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT65B Datasheet(HTML) 4 Page - Comset Semiconductor

  BDT65B Datasheet HTML 1Page - Comset Semiconductor BDT65B Datasheet HTML 2Page - Comset Semiconductor BDT65B Datasheet HTML 3Page - Comset Semiconductor BDT65B Datasheet HTML 4Page - Comset Semiconductor BDT65B Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BDT65-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
4 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min
Typ
Max
Unit
VBE(on)
Base-Emitter Voltage (*)
IC= 5 A, VCE= 4 V
BDT65
-
-
2.5
V
BDT65A
BDT65B
BDT65C
VECF
C-E Diode Forward
Voltage
IF= 5 A
BDT65
-
2
V
BDT65A
BDT65B
BDT65C
IF= 12 A
BDT65
-
2
-
BDT65A
BDT65B
BDT65C
hFE
DC Current Gain (*)
VCE= 4 V, IC= 1 A
BDT65
-
1500
-
-
BDT65A
BDT65B
BDT65C
VCE= 4 V, IC= 5 A
BDT65
1000
-
-
BDT65A
BDT65B
BDT65C
VCE= 4 V, IC= 12 A
BDT65
-
1000
-
BDT65A
BDT65B
BDT65C
COB
Output Capacitance
IE= 0, VCB = 10 V
ftest= 1MHz
BDT65
-
200
-
pF
BDT65A
BDT65B
BDT65C
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
turn-on time
IC= 5 A , VCC= 30 V
IB1 = -IB2 = 20 mA
-
1
2.5
µs
toff
turn-off time
-
6
10
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com