Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT65C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDT65C
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT65C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDT65C Datasheet HTML 1Page - Comset Semiconductor BDT65C Datasheet HTML 2Page - Comset Semiconductor BDT65C Datasheet HTML 3Page - Comset Semiconductor BDT65C Datasheet HTML 4Page - Comset Semiconductor BDT65C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDT65-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
3 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
IE= 0
VCB = VCBOmax
BDT65
-
-
0.4
mA
BDT65A
BDT65B
BDT65C
IE= 0
VCB = 1/2 VCBOmax
TJ= 150 °C
BDT65
-
-
2
mA
BDT65A
BDT65B
BDT65C
ICEO
Collector Cutoff Current
IE= 0
VCE = 1/2 VCEOmax
BDT65
-
-
0.2
mA
BDT65A
BDT65B
BDT65C
IEBO
Emitter Cutoff Current
VEB= 5 V
IC= 0
BDT65
-
-
5
mA
BDT65A
BDT65B
BDT65C
VCEO
Collector-Emitter
Breakdown Voltage
IC= 30 mA
IB= 0
BDT65
60
-
-
V
BDT65A
80
-
-
BDT65B
100
-
-
BDT65C
120
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 5 A
IB= 20 mA
BDT65
-
-
2
V
BDT65A
BDT65B
BDT65C
IC= 10 A
IB= 100 mA
BDT65
-
-
3
BDT65A
BDT65B
BDT65C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com