Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW83B Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDW83B
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDW83B Datasheet(HTML) 2 Page - Comset Semiconductor

  BDW83B Datasheet HTML 1Page - Comset Semiconductor BDW83B Datasheet HTML 2Page - Comset Semiconductor BDW83B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BDW83, BDW83A, BDW83B,
BDW83C, BDW83D,
23/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=30 mA
IB=0
BDW83
45
-
-
V
BDW83A
60
-
-
BDW83B
80
-
-
BDW83C
100
-
-
BDW83D
120
-
-
ICEO
Collector Cutoff Current
IB=0, VCE=30 V
BDW83
-
-
1
mA
IB=0, VCE=30 V
BDW83A
IB=0, VCE=40 V
BDW83B
IB=0, VCE=50 V
BDW83C
IB=0, VCE=60 V
BDW83D
ICBO
Collector Cutoff Current
IE= 0, VCB=45 V
BDW83
-
-
0.5
mA
IE= 0, VCB=60 V
BDW83A
IE= 0, VCB=80 V
BDW83B
IE= 0, VCB=100 V BDW83C
IE= 0, VCB=120 V BDW83D
IE= 0, VCB=45 V
Tcase = 150°C
BDW83
-
-
5
IE= 0, VCB=60 V
Tcase = 150°C
BDW83A
IE= 0, VCB=80 V
Tcase = 150°C
BDW83B
IE= 0, VCB=100 V
Tcase = 150°C
BDW83C
IE= 0, VCB=120 V
Tcase = 150°C
BDW83D
IEBO
Emitter Cutoff Current
VEB=5.0 V, IC=0
-
-
2
mA
hFE
DC Current Gain (*)
IC=6 A , VCE=3.0 V
750
-
20 K
-
IC=15 A , VCE=3.0 V
100
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (1)
IC=6 A , IB=12 mA
-
-
2.5
V
IC=15 A , IB=150 mA
-
-
4
VBE(on)
Base-Emitter Voltage (*)
IC=6 A , IB=3 A
-
-
2.5
VEC
Parallel Diode Forward
Voltage
IE = 15 A , IE= 0
-
-
3.5
V
ton
Turn-on time
IC = 10 A,
IB1 =-IB2=40 mA
RL=3Ω; VBE(off) = -4.2V
Duty Cycle≤2%
-
0.9
-
µs
toff
Turn-off time
-
7
-
(*) Pulse Duration = 300
µs, Duty Cycle <= 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com