Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22017-2 Datasheet(PDF) 98 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 98 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 94Page - ITT Industries 22017-2 Datasheet HTML 95Page - ITT Industries 22017-2 Datasheet HTML 96Page - ITT Industries 22017-2 Datasheet HTML 97Page - ITT Industries 22017-2 Datasheet HTML 98Page - ITT Industries 22017-2 Datasheet HTML 99Page - ITT Industries 22017-2 Datasheet HTML 100Page - ITT Industries 22017-2 Datasheet HTML 101Page - ITT Industries 22017-2 Datasheet HTML 102Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
Environmental, Rectangular Connectors for
Aircraft, Missile and Ground Support
Equipment Applicatoins
Shell
Insulator
Contacts
Contact
Arrangements
SERIES PREFIX
CLASS
CONTACT ARRANEMENT
SHELL TYPE
CONTACT TYPE
MOUNTING
MODIFICATION
SERIES PREFIX
DPG, DPJ
33 for plug, 34 for receptacle
P for pin, S for socket
33-K-With 6-32 clinch nuts
33-B-Clearance holes for 6-32 screw
34-K-Floating eyelet with 6-32 tapped I.D.
34-B-Floating eylet with .140 I.D.
-2-.125 (3.18) removed from front lip of -33
shell
M - One piece insulator
ring - type rentention
MB - LITTLE CAESAR contact retention assembly
DPGM - C8, 12, 15, 16, 20C4, 21 and 32
DPJM - C21, 59, 59C10, and 98
DPJMB - 59, 98
SHELL TYPE
CONTACT TYPE
MOUNTING
MODIFICATION
CLASS
CONTACT ARRANGEMENTS
Material
Finish
Material
Material
Finish
Termination
No. of Contacts
DPJ
DPG
MB-
M-
98
21
-34
-33
P
S
-K
-K
-2
DPGM/DPJM/DPJMB
Aluminum alloy
Cadmium plate with olive drab irridite
Diallyl phthalate
Copper alloy
Gold plate
Crimp
8, 12, 15, 16, 20, 21, 32, 59, 98
Cannon's DPGM, DPJM, and DPJMB connectors are
designed for applications where space and weight are
prime considerations. Their rectangular shape
provides maximum space utilization and permits
easy removal of equipment for inspection and/or
repair. DPGM and DPJM connectors feature crimp
snap-in contacts with ring-type retention while
DPJMB connectors feature the LITTLE CAESAR®
rear release contact retention assembly (rear insertion,
release
and
extraction
of
crimp
snap-in
contacts). They both have one piece diallyl phtha-
late insulators with polychloroprene wire sealing
grommets. They also incorporate a peripheral seal
design that allows an axial tolerance of up to .125
(3.175) while still effecting a seal. The 34 shell
utilizes a rubber seal encased in such a way that the
step down design of the mating 33 shell seats into
and against it.
All of these connectors utilize keystone corners for
polarization and are coupled by friction. Two shell
styles with different mounting provisions are avail-
able.
For all new applications, the referenced connectors
will be available only with insulators in the normal
position, that is, pin insulators in the 34 (receptacle)
shells and socket insulators in the 33 (plug)
shells.
For replacements it is suggested that where pract-
ical, customers using these connectors with re-
versed
insulators
change
to
connectors
with
insulators in the normal position. However, for those
who are unable to change we will furnish connect -
tors with reversed insulators to maintain their
equipment usage.
Contacts, coaxials and junction shells must be
ordered separately, except for the DPJMB where
the contacts are supplied with the connector. When
(ordering or reordering) please specify the 3-4-3
contact part number as shown. We have cross-
referenced these new part numbers with the previ-
ous part numbers (which have been obsoleted) for
vour convenience.
Example:
031-0900-001 new "3-4-3" part number
(038819-001) previous part number
DPGM/DPJM/DPJMB
Standard Data
98
www.ittcannon.com
How To Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com