Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2F
Description  8kV 100mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
8kV 100mA HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
2CL2F
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
100
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF =100mA
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL2F
Cathode Mark
25 min.
25 min.
15
o 4.2
o 0.8
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
15
2CL2x
Type
2CL2F
2CL2F
10
40
2.0
20
8
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
HVCA
TM
2CL2F
=VRRM
R
=VRRM
-
nS


Similar Part No. - 2CL2F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2F EDI-2CL2F Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2F GETEDZ-2CL2F Datasheet
505Kb / 2P
High Voltage Silicon Rectifier Diode
logo
New Jersey Semi-Conduct...
2CL2F NJSEMI-2CL2F Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2FD GETEDZ-2CL2FD Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
2CL2FD GETEDZ-2CL2FD_17 Datasheet
459Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results

Similar Description - 2CL2F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
8kV 60mA HIGH VOLTAGE DIODE
2CL2G GETEDZ-2CL2G Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL2J GETEDZ-2CL2J Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
CL03-08 GETEDZ-CL03-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
GT-FOB GETEDZ-GT-FOB Datasheet
101Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
HV37-08 GETEDZ-HV37-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
HV37-08F GETEDZ-HV37-08F Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
HV500F08 GETEDZ-HV500F08 Datasheet
80Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
ESJC30-08 GETEDZ-ESJC30-08 Datasheet
101Kb / 1P
8kV 300mA HIGH VOLTAGE DIODE
HVRT080 GETEDZ-HVRT080_17 Datasheet
515Kb / 2P
30mA 8kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com