Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0263003.WRT2 Datasheet(PDF) 1 Page - Littelfuse

Part # 0263003.WRT2
Description  263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0263003.WRT2 Datasheet(HTML) 1 Page - Littelfuse

  0263003.WRT2 Datasheet HTML 1Page - Littelfuse 0263003.WRT2 Datasheet HTML 2Page - Littelfuse 0263003.WRT2 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
207
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
263 Series
Please refer to www.littelfuse.com/series/263.html for current information.
PICO® ll > Very Fast-Acting > 263 Series
263 Series, PICO® II 250 Volt, Very Fast-Acting Fuse
Description
The PICO® II 263 Series Fuse is a specially designed
axial leaded fuse that achieves a 250V rating in a small
package.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
62mA - 5A
PS
E
JET 1896-31007-1001
1A - 5A
LR 29862
125mA - 5A
Features
Electrical Characteristics
5A)
temperature range
de-rating
% of Ampere
Rating
OpeningTime
100%
Min.
200%
Max.
300%
Max.
Applications
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage Drop
(mV)
Agency Approvals
PS
E
0.062
.062
250
50 amperes
at 250 VAC
PSE: 100
amperes
at 125 VAC.
5.50
0.000192
0.74
x
0.125
.125
250
1.75
0.00251
0.3
x
x
0.250
.250
250
0.715
0.0165
0.235
x
x
0.375
.375
250
0.391
0.0444
0.195
x
x
0.500
.500
250
0.332
0.084
0.302
x
x
0.750
.750
250
0.150
0.0411
0.176
x
x
1.00
001.
250
0.105
0.087
0.165
x
x
x
1.50
01.5
250
0.0635
0.398
0.148
x
x
x
2.00
002.
250
0.0444
0.74
0.137
x
x
x
2.50
02.5
250
0.0340
1.197
0.128
x
x
x
3.00
003.
250
0.0274
1.77
0.1225
x
x
x
3.50
03.5
250
0.0224
2.33
0.1175
x
x
x
4.00
004.
250
0.0193
3.08
0.1125
x
x
x
5.00
005.
250
0.0145
5.55
0.1065
x
x
x
Electrical Characteristics
machines
PS
E
Revised: July 27, 2011


Similar Part No. - 0263003.WRT2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0263003. LITTELFUSE-0263003. Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
0263003.M LITTELFUSE-0263003.M Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
0263003.M- LITTELFUSE-0263003.M- Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
More results

Similar Description - 0263003.WRT2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
NANO2 FUSE Very Fast-Acting 451/453 Series
0251.062HAT1L LITTELFUSE-0251.062HAT1L Datasheet
289Kb / 4P
251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
316 Series PICO짰II, Very Fast-Acting Fuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
0263001.MXL LITTELFUSE-0263001.MXL Datasheet
185Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
logo
Eaton All Rights Reserv...
SS-5F EATON-SS-5F Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com