Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # IRF640
Description  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

IRF640 Datasheet(HTML) 2 Page - Comset Semiconductor

  IRF640 Datasheet HTML 1Page - Comset Semiconductor IRF640 Datasheet HTML 2Page - Comset Semiconductor IRF640 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRF640
2/3
09/11/2012
COMSET SEMICONDUCTORS
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VDSS
Drain-Source Breakdown
Voltage
ID= 250 µA, VGS= 0 V
200
-
-
V
VGS(th)
Gate-threshold Voltage
ID= 250 µA, VGS= VDS
2
3
4
V
IDSS
Zero Gate Voltage Drain
Current
VDS= 200 V, VGS= 0 V
Tj= 25 °C
-
-
25
µA
VDS= 200 V, VGS= 0 V
Tj= 125 °C
-
-
250
IGSS
Gate-Source leakage
Current
VGS= 20 V, VDS= 0 V
-
-
100
nA
RDS(on)
Drain-Source on Resistance
ID= 10 A, VGS= 10 V
-
0.15
0.18
Ω
DYNAMIC CHARACTERISTICS
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
gfs
Transconductance
VDS = 2*ID*RDS(on)max
ID= 9 A
7
11
-
S
CISS
Input Capacitance
VGS= 0 V, VDS= 25 V
f= 1MHz
-
1200
1560
pF
COSS
Output Capacitance
-
200
260
CRSS
Reverse transfer
Capacitance
-
60
80
td(on)
Turn-on Delay Time
VDD= 100 V,
ID= 18 A, RGS= 25 Ω
-
20
50
ns
tr
Rise time
-
145
300
td(off)
Turn-off Delay Time
-
145
300
tf
Fall Time
-
110
230
REVERSE DIODE
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
IS
Inverse Diode Continuous
Forward Current.
TC = 25°C
-
-
18
A
ISM
Inverse diode direct current,
pulsed.
TC = 25°C
-
-
72
VSD
Inverse Diode Forward
voltage
VGS = 0 V, IF = 18 A
-
-
2
V
Trr
Reverse Recovery Time
VR = 25 V, IF = 18 A
di/dt = 100 A/µs, TC =
150°C
-
130
-
ns
Qrr
Reverse Recovery Charge
-
0.8
-
µC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com