Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVRM1 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRM1
Description  1.0kV 4.0A HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRM1 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRM1 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
1.0kV 4.0A HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
HVRM1
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
4.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRM1
Cathode Mark
27 min.
27 min.
9.0
o 9.0
o 1.2
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HVRMx
Type
HVRM1
HVRM1
3.0
500
50
100
1.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
---
nS
peak
at 25°C,IF =IF(AV)


Similar Part No. - HVRM1

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRM1 GETEDZ-HVRM1_17 Datasheet
519Kb / 2P
4.0A 1.0kV -High Voltage High Current Diodes
More results

Similar Description - HVRM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1150 ETC2-B1150 Datasheet
40Kb / 4P
4.0A Low Dropout Voltage Regulator
B1587 ETC2-B1587 Datasheet
113Kb / 8P
4.0A Low Dropout Voltage Regulator
logo
GETAI ELECTRONICS DEVIC...
HVRW1 GETEDZ-HVRW1 Datasheet
71Kb / 1P
1.0kV 2.5A HIGH VOLTAGE DIODE
HVRM1 GETEDZ-HVRM1_17 Datasheet
519Kb / 2P
4.0A 1.0kV -High Voltage High Current Diodes
HVRW1 GETEDZ-HVRW1_17 Datasheet
530Kb / 2P
2.5A 1.0kV 150nS -High Voltage High Current Diodes
logo
Zibo Seno Electronic En...
MUR405 ZSELEC-MUR405 Datasheet
220Kb / 2P
4.0A ULTRAFAST DIODE
S4A ZSELEC-S4A Datasheet
91Kb / 2P
4.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
ES4A ZSELEC-ES4A Datasheet
109Kb / 2P
4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER4A ZSELEC-ER4A Datasheet
103Kb / 2P
4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
MURS410 ZSELEC-MURS410 Datasheet
157Kb / 2P
4.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com