Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVRT080 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT080
Description  8kV 30mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT080 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT080 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRT080
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
125
100
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=8kV
at 100°C,VR=8kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRT080
Cathode Mark
29 min.
29 min.
8.0
o 3.0
o 0.6
Cathode Mark
Lot No.
8kV 30mA HIGH VOLTAGE DIODES
=0V,f=1MHz
1.0
HVRT
Type
Mark
HVRT080
HVRT080
20
20
2.0
3.0
8
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
HVCA
TM
at 25°C,IF =IF(AV)


Similar Part No. - HVRT080

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
HVRT080 LEADSUN-HVRT080 Datasheet
290Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
HVRT080 GETEDZ-HVRT080_16 Datasheet
87Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT080 GETEDZ-HVRT080_17 Datasheet
515Kb / 2P
30mA 8kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - HVRT080

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL71 GETEDZ-2CL71 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
HVP-8 GETEDZ-HVP-8 Datasheet
127Kb / 1P
8kV 750mA HIGH VOLTAGE DIODES
SHV-08 GETEDZ-SHV-08 Datasheet
68Kb / 1P
8kV 5mA HIGH VOLTAGE DIODES
HV600S08 GETEDZ-HV600S08 Datasheet
68Kb / 1P
600mA 8kV HIGH VOLTAGE DIODES
2CL71 GETEDZ-2CL71_16 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
HV500F08 GETEDZ-HV500F08_16 Datasheet
68Kb / 1P
500mA 8kV HIGH VOLTAGE DIODES
HVRT080 GETEDZ-HVRT080_16 Datasheet
87Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT100 GETEDZ-HVRT100_16 Datasheet
90Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT080 GETEDZ-HVRT080_17 Datasheet
515Kb / 2P
30mA 8kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com