Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35C Datasheet(PDF) 4 Page - Comset Semiconductor

Part # TIP35C
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP35C Datasheet(HTML) 4 Page - Comset Semiconductor

  TIP35C Datasheet HTML 1Page - Comset Semiconductor TIP35C Datasheet HTML 2Page - Comset Semiconductor TIP35C Datasheet HTML 3Page - Comset Semiconductor TIP35C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPN TIP35-A-B-C
04/10/2012
COMSET SEMICONDUCTORS
4 | 4
SEMICONDUCTORS
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
fT
Current Gain-
Bandwidth Product
VCE= 10 V, IC= 10 A
f= 1kHz
TIP35
3
-
-
MHz
TIP35A
TIP35B
TIP35C
MECHANICAL DATA CASE TO3PN Non Isolated Plastic Package
September 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any
and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as
critical components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
Min.
Max.
A
15.20
1600
B
1.90
2.10
C
4.60
5.00
D
3.10
3.30
E
9.60
F
2.00
G
0.35
0.55
H
1.40
J
5.35
5.55
K
20.00
L
19.60
20.20
M
0.95
1.25
N
2.00
O
3.00
P
4.00
R
4.00
S
1.80
T
4.80
5.20
Pin 1 :
Base
Pin 2 :
Collector
Pin 3 :
Emitter
Case :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com