Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIP41A
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP41A Datasheet(HTML) 3 Page - Comset Semiconductor

  TIP41A Datasheet HTML 1Page - Comset Semiconductor TIP41A Datasheet HTML 2Page - Comset Semiconductor TIP41A Datasheet HTML 3Page - Comset Semiconductor TIP41A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN TIP41-A-B-C
04/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector Cutoff Current
IE= 0, VCE = VCEO
TIP41
-
-
0.4
Ma
TIP41A
TIP41B
TIP41C
ICEO
Collector Cutoff Current
IB= 0, VCE = 30V
TIP41
-
-
0.7
mA
TIP41A
IB= 0, VCE = 60V
TIP41B
-
-
0.7
TIP41C
IEBO
Emitter Cutoff Current
VEB= 5 V, IC= 0
TIP41
-
-
1
mA
TIP41A
TIP41B
TIP41C
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= 30 mA, IB= 0
TIP41
40
-
-
V
TIP41A
60
-
-
TIP41B
80
-
-
TIP41C
100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 6 A, IB= 600
mA
TIP41
-
-
1.5
V
TIP41A
TIP41B
TIP41C
VBE(on)
Base-Emitter Voltage (*)
IC= 6 A, VCE= 4 V
TIP41
-
-
2
V
TIP41A
TIP41B
TIP41C
hFE
DC Current Gain (*)
VCE= 4 V, IC= 0.3 A
TIP41
30
-
-
-
TIP41A
TIP41B
TIP41C
VCE= 4 V, IC= 3 A
TIP41
15
-
75
TIP41A
TIP41B
TIP41C
hfe
Small Signal Current
Gain
VCE= 10 V, IC= 0.5
A, f= 1kHz
TIP41
20
-
-
-
TIP41A
TIP41B
TIP41C
fT
Current Gain-Bandwidth
Product
VCE= 10 V, IC= 0.5
A
TIP41
3
-
-
MHz
TIP41A
TIP41B
TIP41C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com