Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP101 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP101
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP101 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP101 Datasheet HTML 1Page - Comset Semiconductor TIP101 Datasheet HTML 2Page - Comset Semiconductor TIP101 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN TIP100-101-102
04/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-case
From junction-case
1.56
°C/W
RthJ-amb
From junction-ambient
62.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
IE= 0,VCB = VCBOmax
TIP100
-
-
50
µA
TIP101
TIP102
ICEO
Collector Cutoff Current
IE= 0, VCE = 1/2
VCEOmax
TIP100
-
-
50
µA
TIP101
TIP102
IEBO
Emitter Cutoff Current
VEB= 5 V, IC= 0
TIP100
-
-
8
mA
TIP101
TIP102
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= 30 mA, IB= 0
TIP100
60
-
-
V
TIP101
80
-
-
TIP102
100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 3 A, IB= 6 mA
TIP100
-
-
2
V
TIP101
TIP102
IC= 8 A, IB= 80 mA
TIP100
-
-
2.5
TIP101
TIP102
VBE(on)
Base-Emitter Voltage
(*)
IC= 8 A, VCE= 4 V
TIP100
-
-
2.8
V
TIP101
TIP102
hFE
DC Current Gain (*)
VCE= 4 V, IC= 3 A
TIP100
1000
-
20k
-
TIP101
TIP102
VCE= 4 V, IC= 8 A
TIP100
200
-
-
TIP101
TIP102
COB
Output Capacitance
IE= 0, VCB = 10 V
f = 1MHz
TIP100
-
-
200
pF
TIP101
TIP102
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com