Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP130 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIP130
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP130 Datasheet(HTML) 1 Page - Comset Semiconductor

  TIP130 Datasheet HTML 1Page - Comset Semiconductor TIP130 Datasheet HTML 2Page - Comset Semiconductor TIP130 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN TIP130 – 131 – 132
30/10/2012
COMSET SEMICONDUCTORS
1/3
09/11/2012
SEMICONDUCTORS
SILICON DARLINGTON POWER TRANSISTORS
NPN epitaxial-base transistors in a monolithic Dalrington circuit and housed in a TO-220
enveloppe.
They are intented for use in power linear and switching applications.
The complementary PNP types are TIP135/136/137
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage (IE= 0)
TIP130
60
V
TIP131
80
TIP132
100
VCEO
Collector-Emitter Voltage (IB= 0)
TIP130
60
V
TIP131
80
TIP132
100
VEBO
Emitter-Base Voltage (IC= 0)
5
V
IC
Collector Current
8
A
ICM
Collector Peak Current (1)
12
A
IB
Base Current
0.3
A
PT
Power Dissipation
Tcase
@ Tmb < 25°
70
W
tamb
2
tJ
Junction Temperature
150
°C
ts
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
From Junction to Case Thermal Resistance
1.78
°C/W
RthJA
From Junction to Free-Air Thermal Resistance
62.5


Similar Part No. - TIP130

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP130 POINN-TIP130 Datasheet
141Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP130 STMICROELECTRONICS-TIP130 Datasheet
41Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1995
logo
TRANSYS Electronics Lim...
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com