Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP142 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP142
Description  NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP142 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP142 Datasheet HTML 1Page - Comset Semiconductor TIP142 Datasheet HTML 2Page - Comset Semiconductor TIP142 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP140 – TIP141 – TIP142
30/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff Current
IB= 0
VCE= 30 V
TIP140
-
-
2
mA
VCE= 40 V
TIP141
-
-
VCE= 50 V
TIP142
-
-
IEBO
Emitter Cutoff Current
IC= 0
VBE= 5 V
TIP140
-
-
2
mA
TIP141
-
-
TIP142
-
-
ICBO
Collector Cutoff Current
IE= 0
VCB= 60 V
TIP140
-
-
1
mA
VCB= 80 V
TIP141
-
-
VCB= 100 V
TIP142
-
-
VCE0(SUS)
Collector-Emitter Sustaining
IB= 0
IC= 30 mA
TIP140
60
-
-
V
TIP141
80
-
-
TIP142
100
-
-
hFE
DC Current Gain (*)
VCE= 4 V
IC= 5 A
1000
-
-
-
VCE= 4 V
IC= 10 A
500
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= 5 A
IB= 10 mA
TIP140
-
-
2
V
TIP141
TIP142
IC= 10 A
IB=40 mA
TIP140
-
-
3
TIP141
TIP142
VBE
Base-Emitter Voltage (*)
VCE= 4 V
IC= 10 A
TIP140
-
-
3
V
TIP141
TIP142
VF
Parallel Diode forward voltage
IF=10 A
-
-
3.5
V
ton
Turn-on Time
VBE(off)= -4.2V
IC= 10 A, RL= 3 Ω
IB(on)= 40mA
IB(off)= -40 mA
-
0.9
-
µs
toff
Turn-on Time
-
11
-
(*) Pulse Width = 200
µs, Duty Cycle ∠ 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com