Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP150 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP150
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP150 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP150 Datasheet HTML 1Page - Comset Semiconductor TIP150 Datasheet HTML 2Page - Comset Semiconductor TIP150 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP150
15/10/2012
COMSET SEMICONDUCTORS
2/3
09/11/2012
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCBO
Collector-Base Breakdown
Voltage
IC= 1 mA, IE= 0
300
-
-
V
VCEO
Collector-Emitter Breakdown
Voltage (4)
IC= 10 mA, IB= 0
300
-
-
V
ICEO
Collector-Emitter Cutoff
Current
IB= 0, VCE = 300 V
-
-
250
µA
ICEOX(sus)
Collector-Emitter sustaining
Current
IE= 0, VCLAMP = VCEO
7
-
-
A
IEBO
Emitter Cutoff Current
VEB= 8 V, IC= 0
-
-
15
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (4-5)
IC= 1 A, IB= 10 mA
-
-
1.5
V
IC= 2 A, IB= 100 mA
-
-
1.5
IC= 5 A, IB= 250 mA
-
-
2
VBE(SAT)
Base-Emitter Saturation
Voltage (4-5)
IC= 2 A, IB= 100 mA
-
-
2.2
V
IC= 5 A, IB= 250 mA
-
-
2.3
hFE
Forward Current transfer ratio
(4-5)
VCE= 5.0 V, IC= 2.5 A
150
-
-
-
VCE= 5.0 V, IC= 5 A
50
-
-
VCE= 5.0 V, IC= 7 A
15
-
-
hfe
Small Signal Forward Current
transfer ratio
VCE= 5.0 V, IC= 0.5 A
f= 1 kHz
200
-
-
-
VF
Diode forward Voltage
IF= 7 A
-
-
3.5
V
COB
Output Capacitance
IE= 0 ; VCB= 10 V
f= 1 MHz
-
-
150
pF
SWITCHING TIMES.
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
td
Delay Time
VCC= 250 V; IC= 5 A
IB1= -IB2= 250 mA
tp = 20 µs, duty cycle <2%.
-
0.03
-
µs
tr
Rise time
-
0.18
-
ts
Storage Time
-
3.5
-
tf
Fall Time
-
1.6
-
4.
These parameters must be measured using pulse techniques, tp 300 µs, Duty Cycle ∠ 2.0%
5.
These parameters must be measured using voltage-sensing contacts, separate from the
current carrying contacts.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com