Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP2955 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIP2955
Description  SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP2955 Datasheet(HTML) 1 Page - Comset Semiconductor

  TIP2955 Datasheet HTML 1Page - Comset Semiconductor TIP2955 Datasheet HTML 2Page - Comset Semiconductor TIP2955 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP TIP2955
NPN TIP3055
15/10/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
SILICON POWER TRANSISTORS
The TIP3055 is a NPN epitaxial-base transistor in TO3PN package.It is intended for power
switching circuits, series and shunt regulators, output stage and hi-fi amplifiers.
The complementary is the TIP2955
For PNP types Voltage and Curent are Negative.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
15
A
IB
Base Current
7
A
PT
Total Dissipation
@ Tmb < 25°
90
W
tJ
Junction Temperature
150
°C
ts
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
From Junction to Case Thermal Resistance
1.39
°C/W


Similar Part No. - TIP2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP2955 MOSPEC-TIP2955 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP2955 MOTOROLA-TIP2955 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
Power Innovations Ltd
TIP2955 POINN-TIP2955 Datasheet
95Kb / 6P
PNP SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
More results

Similar Description - TIP2955

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com