Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP3055 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP3055
Description  SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP3055 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP3055 Datasheet HTML 1Page - Comset Semiconductor TIP3055 Datasheet HTML 2Page - Comset Semiconductor TIP3055 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP TIP2955
NPN TIP3055
15/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO (*)
Collector-Emitter Breakdown
Voltage
IC= 30 mA, IB=0
60
-
-
V
ICEO
Collector Cutoff Current
IB =0, VCE = 30 V
-
-
700
µA
ICER
Collector Cutoff Current
VCE= 70 V, RBE= 100 Ω
-
-
1
mA
ICEX
Collector Cutoff Current
VCE= 70 V, VBE= 1.5 V
-
-
5
mA
IEBO
Emitter Cutoff Current
VEB= 7 V, IC=0
-
-
5
mA
VCE(SAT) (*)
Collector-Emitter saturation
Voltage
IC= 4 A, IB= 400 mA
-
-
1.1
V
IC= 10 A, IB= 3.3 A
-
-
3
VBE (*)
Base-Emitter On Voltage
IC= 4 A, VCE = 4 V
-
-
1.8
V
hFE (*)
DC Current Gain
IC= 4 A, VCE = 4 V
20
-
70
-
IC= 10 A, VCE = 4 V
5
-
-
Is/b
Second Breackdown
collector Current.
With base Forward Biased
VCE= 30 V, t= 1.0 s
Non repetitive
3
-
-
A
fT
Transition Frequency
VCE= 10 V, IC= 0.5 A
f= 1 kHz
2.5
-
-
MHz
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com