Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5433 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5433
Description  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5433 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5433 Datasheet HTML 9Page - Analog Devices ADG5433 Datasheet HTML 10Page - Analog Devices ADG5433 Datasheet HTML 11Page - Analog Devices ADG5433 Datasheet HTML 12Page - Analog Devices ADG5433 Datasheet HTML 13Page - Analog Devices ADG5433 Datasheet HTML 14Page - Analog Devices ADG5433 Datasheet HTML 15Page - Analog Devices ADG5433 Datasheet HTML 16Page - Analog Devices ADG5433 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADG5433/ADG5434
Rev. B | Page 13 of 24
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
VS, VD (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 12V
VSS = 0V
Figure 12. On Resistance as a Function of VS (VD) for Different Temperatures,
12 V Single Supply
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VS, VD (V)
VDD = 36V
VSS = 0V
Figure 13. On Resistance as a Function of VS (VD) for Different Temperatures,
36 V Single Supply
0
25
50
75
100
125
TEMPERATURE (°C)
0.6
0.4
–0.2
0
–0.4
0.2
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 14. Leakage Currents as a Function of Temperature, ±15 V Dual Supply
0
25
50
75
100
125
TEMPERATURE (°C)
0.4
0.2
–0.2
0
–0.4
–0.6
VDD = +20V
VSS = –20V
VBIAS = +15V/–15V
ID, IS (ON) + +
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID, IS (ON) – –
ID (OFF) – +
Figure 15. Leakage Currents as a Function of Temperature,
±20 V Dual Supply
0
25
50
75
100
125
TEMPERATURE (°C)
0.4
0.3
–0.2
0
–0.1
0.2
0.1
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
ID, IS (ON) + +
ID, IS (ON) – –
IS (OFF) + –
ID (OFF) – +
ID (OFF) + –
IS (OFF) – +
Figure 16. Leakage Currents as a Function of Temperature,
12 V Single Supply
TEMPERATURE (°C)
0
25
50
75
100
125
0.4
0.2
–0.2
0
–0.4
–0.6
VDD = 36V
VSS = 0V
VBIAS = 1V/30V
ID, IS (ON) + +
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID, IS (ON) – –
ID (OFF) – +
Figure 17. Leakage Currents as a Function of Temperature,
36 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com