Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS51795A Datasheet(PDF) 21 Page - Microchip Technology

Part # DS51795A
Description  PICkit??3 Programmer/Debugger
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS51795A Datasheet(HTML) 21 Page - Microchip Technology

Back Button DS51795A Datasheet HTML 17Page - Microchip Technology DS51795A Datasheet HTML 18Page - Microchip Technology DS51795A Datasheet HTML 19Page - Microchip Technology DS51795A Datasheet HTML 20Page - Microchip Technology DS51795A Datasheet HTML 21Page - Microchip Technology DS51795A Datasheet HTML 22Page - Microchip Technology DS51795A Datasheet HTML 23Page - Microchip Technology DS51795A Datasheet HTML 24Page - Microchip Technology DS51795A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Theory of Operation
© 2009 Microchip Technology Inc.
DS51795A-page 17
2.4
COMMUNICATION CONNECTIONS
2.4.1
Communication Target Connections
2.4.1.1
USING SINGLE IN-LINE CONNECTOR
Use the 6-pin in-line connector between the PICkit 3 programmer/debugger and the
target board connector. See Figure 2-1. Also see Table 2-1 and
Section 10.6 “Standard Communication Hardware”.
2.4.1.2
USING AN ADAPTER
Use the AC164110 adapter between the PICkit 3 programmer/debugger and the target
device with the modular interface (six conductor) cable. The pin numbering for the
connector is shown from the bottom of the target PC board in Figure 2-3.
FIGURE 2-3:
STANDARD RJ-11 CONNECTION AT TARGET
2.4.2
Target Connection Circuitry
Figure 2-4 shows the interconnections of the PICkit 3 programmer/debugger to the
connector on the target board. The diagram also shows the wiring from the connector
to a device on the target PC board. A pull-up resistor (usually around 10 k
Ω) is
recommended to be connected from the VPP/MCLR line to VDD so that the line may be
strobed low to reset the device.
TABLE 2-1:
TARGET CONNECTOR PINOUT
Connector Pin
Microcontroller Pin
1MCLR/VPP
2VDD
3
Ground
4
PDG (ICSPDAT)
5
PGC (ICSPCLK)
6LVP
Note:
Cable connections at the debugger and target are mirror images of each
other, i.e., pin 1 on one end of the cable is connected to pin 6 on the other
end of the cable. See Section 10.6.2.3 “Modular Cable Specification”.
1
2
3
4
5
6
Target
Connector
Target
Bottom Side
PC Board
VPP/MCLR
Vss
PGC
VDD
PGD
LVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com