Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063 Datasheet(PDF) 6 Page - Shenzhen Tenand Technology Co., Ltd.

Part # MOC3063
Description  Property of Lite-on Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

MOC3063 Datasheet(HTML) 6 Page - Shenzhen Tenand Technology Co., Ltd.

  MOC3063 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. MOC3063 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
—
1.2
1.4
V
IF=20mA
INPUT
Reverse Current
IR
—
0.05
10
µA
VR=6V
*1 Peak Blocking Current, Either
Direction
IDRM1
—
—
500
nA
VDRM = 600V
Peak On-State Voltage, Either
Direction
VTM
—
—
3.0
V
ITM=100 mA Peak
OUTPUT
*2 Critical rate of Rise of Off-State
Voltage
dv/dt
1000
—
—
V/
µs
*3 Led Trigger Current,
Current Required to
Latch Output, Either
Direction
MOC3063
IFT
—
—
5
mA
Main Terminal
Voltage = 3V
COUPLED
Holding Current, Either
Direction
IH
—
400
—
µA
Inhibit Voltage
VINH
—
5
20
Volts
IF=Rated IFT, MT1-MT2
Voltage above which
device will not trigger.
ZERO
CROSSING
Leakage in Inhibited State
IDRM2
—
—
500
µA
IF = Rated IFT, Rated
VDRM, Off State
*1 Test voltage must be applied within dv/dt rating.
*2 This is static dv/dt. Commutating dv/dt is a function of the load-driving thyristor(s) only.
*3 All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore,
recommended operating IF lies between max IFT 5mA for MOC3063 and absolute max IF (50mA)
Part No. : MOC3063 SERIES
Page :
6 of 8
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com