Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8B Datasheet(PDF) 32 Page - ATMEL Corporation

Part # SAM4S8B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8B Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button SAM4S8B Datasheet HTML 28Page - ATMEL Corporation SAM4S8B Datasheet HTML 29Page - ATMEL Corporation SAM4S8B Datasheet HTML 30Page - ATMEL Corporation SAM4S8B Datasheet HTML 31Page - ATMEL Corporation SAM4S8B Datasheet HTML 32Page - ATMEL Corporation SAM4S8B Datasheet HTML 33Page - ATMEL Corporation SAM4S8B Datasheet HTML 34Page - ATMEL Corporation SAM4S8B Datasheet HTML 35Page - ATMEL Corporation SAM4S8B Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
32
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
8.
Product Mapping
Figure 8-1.
SAM4S Product Mapping
Address memory space
Code
1 MByte
bit band
regiion
1 MByte
bit band
regiion
1 MByte
bit band
regiion
0x00000000
SRAM
0x20000000
0x20100000
0x20400000
0x24000000
0x40000000
offset
ID
peripheral
block
Code
Boot Memory
0x00000000
0x00400000
0x00800000
Reserved
0x00C00000
0x1FFFFFFF
Peripherals
HSMCI
18
0x40000000
SSC
22
0x40004000
SPI
21
0x40008000
0x4000C000
TC0
TC0
0x40010000
23
TC0
TC1
+0x40
24
TC0
TC2
+0x80
25
TC1
TC3
0x40014000
26
TC1
TC4
+0x40
27
TC1
TC5
+0x80
28
TWI0
19
0x40018000
TWI1
20
0x4001C000
PWM
31
0x40020000
USART0
USART1
14
0x40024000
15
0x40028000
0x4002C000
Reserved
Reserved
0x40030000
UDP
33
0x40034000
ADC
29
0x40038000
DACC
30
0x4003C000
ACC
34
0x40040000
CRCCU
35
0x40044000
0x40048000
System Controller
0x400E0000
0x400E2600
0x40100000
0x40200000
0x40400000
0x60000000
External RAM
SMC Chip Select 0
0x60000000
SMC Chip Select 1
Undefined
32 MBytes
bit band alias
0x61000000
SMC Chip Select 2
0x62000000
SMC Chip Select 3
0x63000000
0x64000000
0x9FFFFFFF
System Controller
SMC
10
0x400E0000
MATRIX
0x400E0200
PMC
5
0x400E0400
UART0
UART1
8
0x400E0600
CHIPID
0x400E0740
9
0x400E0800
EFC
6
0x400E0A00
0x400E0C00
PIOA
11
0x400E0E00
PIOB
12
0x400E1000
PIOC
13
0x400E1200
RSTC
0x400E1400
1
SUPC
+0x10
RTT
+0x30
3
WDT
+0x50
4
RTC
+0x60
2
GPBR
+0x90
0x400E1600
0x4007FFFF
Internal Flash
Internal ROM
Reserved
Peripherals
External SRAM
0x60000000
0xA0000000
System
0xE0000000
0xFFFFFFFF
Reserved
Reserved
EFC1
Reserved
Reserved
Reserved
Reserved
32 MBytes
bit band alias
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com